Part Number Hot Search : 
TLUR4401 MIW1144 CAT24C00 61600 P6KE150G DTSPU50 74HCT40 EN25F10A
Product Description
Full Text Search
 

To Download 2SD2527 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Transistors
2SD2527
Silicon NPN triple diffusion planar type
For power amplification with high forward current transfer ratio
Unit: mm
s Features
q q q
9.90.3
3.00.5
4.60.2 2.90.2
High foward current transfer ratio hFE Satisfactory linearity of foward current transfer ratio hFE Full-pack package which can be installed to the heat sink with one screw (TC=25C)
Ratings 80 60 6 8 4 1 40 2.0 150 -55 to +150 Unit V V V A A A W C C
15.00.5
3.20.1
13.70.2 4.20.2
s Absolute Maximum Ratings
Parameter Collector to base voltage Collector to emitter voltage Emitter to base voltage Peak collector current Collector current Base current Collector power TC=25C dissipation Ta=25C Junction temperature Storage temperature Symbol VCBO VCEO VEBO ICP IC IB PC Tj Tstg
1.40.2 1.60.2 0.80.1
2.60.1
0.550.15
1
2
2.540.3 3 5.080.5
1:Base 2:Collector 3:Emitter TO-220D Full Pack Package
s Electrical Characteristics
Parameter Collector cutoff current Emitter cutoff current Collector to emitter voltage Forward current transfer ratio Collector to emitter saturation voltage Transition frequency Storage time
(TC=25C)
Symbol ICBO ICEO IEBO VCEO hFE fT tstg
*
Conditions VCB = 80V, IE = 0 VCE = 40V, IB = 0 VEB = 6V, IC = 0 IC = 25mA, IB = 0 VCE = 4V, IC = 0.8A IC = 3A, IB = 0.075A VCE = 12V, IC = 0.3A, f = 10MHz IC = 3A, IB1 = 0.06A, IB2 = - 0.06A, VCC = 50V
min
typ
max 100 100 100
Unit A A A V
60 500 2000 0.7 30 20
VCE(sat)
V MHz s
*h
FE
Rank classification
Q P
Rank hFE
500 to 1200 800 to 2000
1
Power Transistors
IC -- VCE
1.6 TC=25C 1.4 4 5
2SD2527
IC -- VBE
Collector to emitter saturation voltage VCE(sat) (V)
10 IC/IB=40
VCE(sat) -- IC
Collector current IC (A)
1.2 1.0 0.8 0.6 0.4 0.2 0 0 2 4 6 8 10 12 IB=1.0mA 0.9mA 0.8mA 0.7mA 0.6mA 0.5mA 0.4mA 0.3mA 0.2mA 0.1mA
Collector current IC (A)
1
3
10-1
2
10-2
1
0 0 0.2 0.4 0.6 0.8 1.0 1.2
10-3 10-2
10-1
1
10
Collector to emitter voltage VCE (V)
Base to emitter voltage VBE (V)
Collector current IC (A)
hFE -- IC
104 VCE=4V 300
fT -- IC
100 VCE=12V f=10MHz TC=25C 100 30
ton, tstg, tf -- IC
Pulsed tw=1ms Duty cycle=1% IC/IB=40 (IB1=-IB2) VCC=50V TC=25C tstg 3 1 0.3 0.1 0.03 tf ton
Forward current transfer ratio hFE
Transition frequency fT (MHz)
Switching time ton,tstg,tf (s)
10
103
30
102
10
10 10-2
10-1
1
10
3 0.003 0.01 0.03
0.01 0.1 0.3 1 3 0 2 4 6 8
Collector current IC (A)
Collector current IC (A)
Collector current IC (A)
Area of safe operation (ASO)
30 Non repetitive pulse TC=25C ICP t=1ms IC 3 1s 10ms
Collector current IC (A)
10
1
0.3
0.1
3
10
30
100
300
Collector to emitter voltage VCE (V)
2


▲Up To Search▲   

 
Price & Availability of 2SD2527

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X